Part Number Hot Search : 
PBL3771N LM78XX 26001 MDW1011 RE024 25616 D13007K 43101
Product Description
Full Text Search
 

To Download ASPI-0402T-1R5-M-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aspi - 0402t electrical specifications: pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , ran c ho san t a mar g ari t a , cali f o r ni a 9268 8 te l 949-546-800 0 | f ax 949-546-800 1 | ww w . abra c on .c o m revised:10.06.09 visit www.abracon.com for terms & conditions of sale smd power inductor 6.6 x 4.45 x 2.92mm features: applications: b ? inductances are from 1uh to 1000uh ? designed for compact size usage ? high energy storage and very low resistance ? high temperature deflection prevents damage from solder reflow ? vdsl & adsl ? oa equipment ? pc cards ? dc to dc converter note: tolerance: m= 20% testing conditions: 100khz, 0.1v rms marking: xxx, i.e. 100=10h ind. drop = 10% typ. at i sat dc ? t = 40c temperature rise max at i rms please contact abracon for the availability of other inductance values. abracon ind . dc r i sat i rms srf typ p/ n (h ) ( ? max. ) dc (a ) (a ) (mhz) 1. 0 0.05 0 2.9 0 2.9 0 80 1. 5 0.05 0 2.6 0 2.8 0 60 2. 2 0.07 0 2.3 0 2.4 0 54 3. 3 0.08 0 2.0 0 2.0 0 44 4. 7 0.0 9 1.5 0 1.5 0 27 6. 8 0.1 3 1.2 0 1.4 0 23 1 0 0.1 6 1.1 0 1.1 0 24 1 5 0.2 3 0.9 0 1.2 0 13 2 2 0.3 7 0.7 0 0.8 0 11 3 3 0.5 1 0.5 8 0.6 0 10 4 7 0.6 4 0.5 0 0.3 5 8 6 8 0.8 6 0.4 0 0.4 0 6 10 0 1.2 7 0.3 1 0.3 0 3 aspi-040 2 t -1r0m aspi-0402t-1r5m aspi-0402t-2r2m aspi-0402t-3r3m aspi-0402t-4r7m aspi-0402t-6r8m aspi-0402t-100m aspi-0402t-101m aspi-0402t-150m aspi-0402t-220m aspi-0402t-330m aspi-0402t-470m aspi-0402t-680m abracon p/n: aspi-0402t-xxx operating temperature: -40oc to +85 o c storage temperature: -40oc to +85 o c options and part identification t tape & reel packaging aspi - 0402t - - please refer to the table inductance code
aspi - 0402t outline drawing: pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , ran c ho san t a mar g ari t a , cali f o r ni a 9268 8 te l 949-546-800 0 | f ax 949-546-800 1 | ww w . abra c on .c o m revised:10.06.09 visit www.abracon.com for terms & conditions of sale smd power inductor 6.6 x 4.45 x 2.92mm note: a b r a c on manufa c tu r ed p r o du c ts a r e i n t ended f or gene r al c omme r cial and indust r ial us e . f or appli c a tions r equi r ing high r eliabili t y and/or p r ese n ting e x t r eme o p e r a ting e n vi r onme n t , w r it t en c onse n t & autho r iz a tion f r om a b r a c on is r equi r e d . dimension : inches (mm) p a r t # a b c d 0. 1 5 7 0.0 0 8 0 . 115 m a x . 0. 1 75 m a x . 0.0 4 0 0.00 2 as p i - 0 402 t - xxx ( 4 . 0 0.2 ) ( 2 . 92 m a x . ) ( 4 . 45 max. ) ( 1 . 0 2 0.05 ) p a r t # e f g 0 . 26 m a x . 0 . 0 5 0.0 0 2 0 . 1 2 0.00 2 as p i - 0 402 t - xxx ( 6 . 60 m a x . ) ( 1 . 2 7 0.0 5 ) ( 3 . 0 5 0.0 5 . ) 7.0 packing t= tape and reel (2500 pcs/reel) dimension : mm p a r t # a 0 b 0 k 0 p p 0 p 2 a sp i - 040 2 t - x x x 4. 8 0.1 7. 0 0 . 1 3 . 0 0 . 1 8 . 0 0.1 4 . 0 0. 1 2 . 0 0. 1 p a r t # w f e d 0 d 1 a sp i - 040 2 t - x x x 1 6 0 . 3 7 . 5 0.1 1. 7 5 0.1 1 . 5 m i n . 1.5 m i n . par t # a b c d a s p i - 0 4 02 t - xxx 1 6 . 5 0.2 1 0 0 0 . 5 1 3 . 2 0.3 3 3 0 1. 0 tape & reel: reflow profile: dimension : mm reflow soldering temperature profile tempe r ature( c) time (sec) t p e a k t 3 t 1 tsoak t 3 t 1 25 c t i m e 25 c t o p e a k * the determination, first primarily determines by the size, then determines the altitude. products size 350mm 3 or thickness 2.5mm 6 minutes max. 250 ( +0 / -5 ) 260 ( +0 / -5 ) item time 25 to peak temperature tpeak temperature rise gradient time over 217 t1 peak temperature 70 se c 90 sec 120 180 mark size<350mm 3 or thickness<2.5mm 10 30 sec tsoak time within 5 of actual peak temperature t3 10 30 sec 50s 150s heating time heating temperature 3 /sec (max)


▲Up To Search▲   

 
Price & Availability of ASPI-0402T-1R5-M-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X